(1,27mm) .050" ftsh series ftsh?125?01?l?dv?ej ftsh?120?02?f?dv ftsh?110?01?l?dv www.samtec.com mates with: ffsd, clp, fle, sfmc, sfmh f-210 for complete speci cations and rec om mend ed pcb layouts see www.samtec.com?ftsh insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni current rating: 1.75a @ 80? ambient operating temp range: -55? to +125? rohs compliant: yes processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead-free solderable: ye s smt lead coplanarity: ?t & ?v tail option: (0,10mm) .004" max (02-25) ?t & ?h tail option: (0,15mm) .006" max (26-50) note: some sizes, styles and options are non-standard, non-returnable. note: see sfm/tfm for positive alignment feature. lead style no. pins per row 1 02 thru 50 ftsh (1,27) .050 (2,92) .115 no. of positions x (1,27) .050 (5,84) .230 a a a (0,81) .032 (0,81) .032 (0,51) .020 (2,29) .090 (5,33) .210 (5,08) .200 (1,27) .050 (0,40) .016 sq (1,27) .050 (2,29) .090 (2,51) .099 no. of positions x (1,27) .050 + z no. of positions x (1,27) .050 + z (4,78) .188 (5,64) .222 100 99 02 01 ?dv (shrouded options removed for clarity) ?dh (styles ?01, ?02, ?04 only) ?mt (styles ?01, ?02 & ?04 only) options ?tr option ?es option ?ej option ?ep option ?ec option ?p option ?el option horizontal applications clp ftsh ultra-low pro le option available. end shrouds available. call for fts series speci cations. (1,27mm) .050" also available lead style a ?01 (3,05) .120 ?02 (1,91) .075 ?03 (1,65) .065 ?04 (3,81) .150 ?05 (4,32) .170 specifications 1,27mm rated @ -3db ftsh/clp insertion loss 5,13mm stack height single-ended 7.0 ghz / 14 gbps signaling differential pair 8.5 ghz / 17 gbps signaling performance data for other stack heights and complete test data av ailable at www.samtec.com?ftsh or contact sig@samtec.com. smt micro header extended life product 10 year mixed flowing gas (mfg) tm call samtec for maximum cycles ?01 = (3,05) .120" post (mates with ffsd, fle, clp?dh) ?02 = (1,91) .075" post (mates with fle) ?03 = (1,65) .065" post (mates with clp?d) ?04 = (3,81) .150" post (mates with sfmc, sfmh) ?05 = (4,32) .170" post (mates with clp?be) option z ?es (2,57) .101 ?ej (15,77) .621 ?ec (3,33) .131 ?ep (5,87) .231 ?el (6,53) .257 application specific option molded pick & place pads, latches and straddle mount leads available. call samtec.
optional end shrouds and ejector shrouds surface mount (1,27mm) .050" micro pitch optional guide post (2,92mm) .115" ftsh?116?02?l?dv?ep ftsh?110?02?f?dv ftsh?130?02?l?dv?es ftsh?110?02?l?dh ftsh?116?02?l?dv?es ftsh?116?01?l?dv www.samtec.com (11,18) .440 (4,83) .190 (3,05) .120 (2,29) .090 (1,17) .046 (3,05) .120 (1,91) .075 dia (4,10) .160 (3,30) .130 x (5,08) .200 (1,22) .048 (4,83) .190 (2,16) .085 (5,08) .200 (3,20) .126 (0,89) .035 dia (0,86) .034 plating option ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail tail option ?dv = double vertical ?dh = double horizontal (styles ?01, ?02 & ?04 only) ?mt = mixed technology (styles ?01, ?02 & ?04 only) other options flex shroud options ?k = keying shroud (for mating with ffsd styles ?01 only, 05, 08, 10, 13, 17, 20 & 25 pins/row only, 13, 17, 20 & 25 only with shrouds) (?dv only) ?a = alignment pin (?dv 3 positions min.) (?dh 5 positions min.) (metal or plastic at samtec discretion) ?c = (4,00mm) .157" dia polyimide ? lm pick & place pad (?dh only) ?p = pick & place pad (?dv 4 positions min.) (?dh & ?mt not available) ?tr = tape & reel packaging (flex shroud options not available except ?es & ?ej) ?ej = ejector shroud (style ?01 only) ?dh & ?mt not available 10 pins/row minimum 25 pins/row maximum ?a ?ej ?ep ?ec ?el ?es ?p ?k (style ?02 & ?03 only, ?dh not available) 9 pins/row minimum (other positions available. call samtec.) ?es = end shroud ?ec = end shroud with locking clip ?ep = end shroud with guide post ?el = end shroud with board lock (boards are positively locked and cannot be unmated)
|